Part Number Hot Search : 
D74HC15 XJXXX ACTR550 RD01MUS 1E106 TCK104G T50N60 2L64164A
Product Description
Full Text Search
 

To Download 18225C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1800 Series
Axial Lead Inductors
SELECTION GUIDE
Inductance (1kHz, 0.1VAC) 10% H
18472C 18682C 18103C 18153C 18223C 18333C 18473C 18683C 18104C 18154C 18224C 18254C 18334C 18474C 18684C 18105C 18155C 18225C 18335C 18475C 18685C 18106C 4.7 6.8 10.0 15.0 22.0 33.0 47.0 68.0 100.0 150.0 220.0 250.0 330.0 470.0 680.0 1.0mH 1.5mH 2.2mH 3.3mH 4.7mH 6.8mH 10.0mH
DC Current1 Max. A
5.35 4.15 3.45 3.00 2.42 2.00 1.65 1.35 1.20 1.10 0.90 0.80 0.73 0.60 0.53 0.44 0.33 0.30 0.22 0.20 0.15 0.13
DC Resistance Max. m
9.0 12.0 15.0 18.0 25.0 40.0 55.0 70.0 100.0 165.0 230.0 255.0 335.0 465.0 630.0 1.0 1.5 2.2 3.5 4.6 7.0 12.0
Q @ f kHz Nom. Q
112 78 64 55 59 48 55 31 40 47 46 50 58 56 55 94 107 108 143 128 144 143
SRF Nom. MHz
36.4 23.6 19.0 15.9 11.8 11.5 8.5 6.6 7.4 4.4 3.5 3.7 3.0 2.2 2.0 1.6 1.3 1.1 0.8 0.7 0.6 0.5
Order Code
f
1000 500 500 500 500 500 500 100 100 100 100 100 100 100 100 50 50 50 50 40 40 40
FEATURES
RoHS compliant Axial format Up to 5.35A IDC 4.7H to 10mH Low DC resistance Compact size MIL-I-23053/5 class III sleeving Fully tinned leads Supplied in packs of 10 Custom & radial parts available Backward compatible with Sn/Pb soldering systems
DESCRIPTION
The 1800 Series of inductors are particularly suited to use with a wide variety of switching regulators. Offering high current handling with a low mounting height, the devices are ideal where space is at a premium.
TYPICAL CORE/WIRE CHARACTERISTICS
Inductance Temperature Coefficient 430ppm Resistance Temperature Coefficient 4000ppm Curie Temperature (TC) 190C Saturation Flux (BSAT) 325mT
ABSOLUTE MAXIMUM RATINGS
Operating free air temperature range Storage temperature range
0C to 70C -55C to 125C
SOLDERING INFORMATION2
Peak wave solder temperature Pin finish
All specifications typical at TA=25C 1 Maximum DC current occurs when either the inductance falls to 90% of its nominal value or when its temperature rise reaches 30C, whichever is sooner. 2 For further information, please visit www.murata-ps.com/rohs
300C for 10 seconds Bright tin
For full details go to www.murata-ps.com/rohs
www.murata-ps.com
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
KMP_1800C_B02 Page 1 of 2
1800 Series
Axial Lead Inductors
PACKAGE SPECIFICATIONS
MECHANICAL DIMENSIONS
13.70 (0.540) Max. 10.60 (0.417) 18.25 (0.719) Max.
Unless otherwise stated, all dimensions in mm (inches) 0.25 (0.01). Package weight: 4.6g Typ. Package quantity: 10
O0.8 (0.031) 0.05 (0.002)
USA: UK: France: Japan:
Canada: Toronto, Tel: (866) 740 1232, email: toronto@murata-ps.com
Murata Power Solutions, Inc. 11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A. Tel: (508) 339-3000 (800) 233-2765 Fax: (508) 339-6356
www.murata-ps.com email: sales@murata-ps.com ISO 9001 REGISTERED
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without notice. (c) 2008 Murata Power Solutions, Inc.
Germany: Munchen, Tel: +49 (0)89-544334-0, email: ped.munich@murata-ps.com Tokyo, Tel: 3-3779-1031, email: sales_tokyo@murata-ps.com Osaka, Tel: 6-6354-2025, email: sales_osaka@murata-ps.com Website: www.murata-ps.jp Shanghai, Tel: +86 215 027 3678, email: shanghai@murata-ps.com Guangzhou, Tel: +86 208 221 8066, email: guangzhou@murata-ps.com
China:
www.murata-ps.com
78.25 (3.081) Max.
Mansfield (MA), Tel: (800) 233 2765, email: sales@murata-ps.com Milton Keynes, Tel: +44 (0)1908 615232, email: mk@murata-ps.com Montigny Le Bretonneux, Tel: +33 (0)1 34 60 01 01, email: france@murata-ps.com
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
18503C
KMP_1800C_B02 Page 2 of 2


▲Up To Search▲   

 
Price & Availability of 18225C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X